Part Number Hot Search : 
MK105 LTC6990 MF45R2 4004B PM5363 9619A IRF840SP A1309
Product Description
Full Text Search
 

To Download CEM820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  67 * all specifcations and photos are subject to change without notice. www.axiomtek.com system fanless low p ower dualvi ew 1 g.e. lv ds/vga 8 usb 2.0 4 pci audio display i n tel ? gma 900 graphics core ? memory s ize memory s ize i nte l ? dvmt 3.0 compliant ? 1 x vga 1 x lv ds; 18- b it si n gl e/ d ua l c h anne l socket 478 intel ? p entium ? m com express ? t ype 2 module with intel ? 915gme/910gmle + ich6m chipset CEM820 quick installation g uide, user's manual/utilit y c d fe atures  socket 478 inte l ? p entium ? m/ celeron ? m processo r  intel ? 915gme/910gmle + ich6m chipset  ddr2-400/533 up to 2 gb  wi th high performance integrated graphics controller and discrete solution through pcie x16 interface  19 lanes for pci e  8 usb 2.0 ports i/o s ocket 478 for intel ? p entium ? ? m/ celeron ? ? m processors ? wit h fsb 400/533 mhz ; ul v inte l ? celeron ? ? m processor ? 600mhz/512kb or 1ghz/zc onboard s ystem memory s ystem memory 2 x 200-pin so-dimm supports ddr2-400/533 max. u p to 2 gb i nte l ? 915gme/910gmle + ich6m ? bios bios p hoe nix-a wa r d n / a w at c hd og ti mer w at c hd og ti mer 255 l eve l s , 1~255 sec. 1 x pcie x16 g ra p hics p ort su pp orts for sdvo or pcie x1 d evices 3 x pcie lanes su pp ort for 3 x pcie x1 devices 4 x 32- b it p c i b us masters batter y batter y n /a * inte l ? p entium ? ? m 755 @ 2.0 ghz, 2gb ddr2 ? max. rms: +5vsb @ 26ma, +12v @ 2.475a * in tel ? celeron ? ? m @1 ghz/zc, 2gb ddr2 ? max. rms: +5vsb @ 21m a , +12v @ 1.411a s ize s ize 12 5 x 9 5 mm 1 . 6 mm t em p erature t em p erature 0 c ~ + 60 c (32 f ~ 14 0 f ) , operation 1 0% ~ 95% re l ative h umi d ity , non-con d ensing 1 x ide ; pa ta -1 00 1 x lpc inter f ace s at a s at a 2 x s ata-15 0 n/ a e t h e rn et e t h e rn et 1 p ort as 10/100/1000mb p s su pp orts w ake-on-lan, rpl/pxe boot r o m wit h re a l te k r tl8111b hd/ac'97 link interface to baseboard for external codec us b us b 8 x us b 2 . 0 ye s i i 2 2 c c 1 x i 2 c 4 c h anne l s in an d 4 c h anne l s out pa cking list ordering information c em 820 v g c om ex p ress t yp e 2 module with (p/n: e38d820100) s oc k et 478 , vga/l vds lcd , 10/100/1000m b ps et h e rn et c em 820 v g -1 g e c om express type 2 mo d u l e wit h ul v inte l ? ( p/n: e38d820102 ) c eleron ? m 1ghz/zc cpu onboard, ? (fan l ess) v g a/l vd s l c d , 1 0/100/1000m bp s et h ernet p c eb 9 4 000 a tx f o rm f acto r baseboa r d 5078d820000e c em830/820 h eatsprea d er mo d u l e f or bga t yp e c pu 5078d820100e c em830/820 h eatsprea d er mo d u l e f or pga t yp e c pu 5 0 7 8 d 830 1 00 e c om express som l ow pro f i l e coo l ing k it w i t h f a n 5 0 7 8 d 830200 e c om ex p ress som l ow p ro f i l e coo l in g k it w i thout fa n double deck ddr2 so-dimm rear view fanless low p ower dualvi ew atom? n270 intel ? 945gme 1 g.e. lv ds/vga 2 ddr2 8 usb 2.0 display i nte l ? gma 950 graphics core ? memor y size memor y size i n tel ? dvmt 3.0 compliant ? 1 x v g a 1 x l vds; 18/24- b it sing l e/ d ua l c h anne l q uic k insta ll ation g ui d e, user's manua l /uti l it y c d intel ? atom? n270 com express ? t ype 2 module with intel ? 945gme + ich7m chipset cem831 system fe atures i/o  intel ? atom? processor n270 1.6 ghz with fsb 533 mhz  intel ? 945gme + ich7m chipse t  2 ddr2 so-dimm up to 4 gb  19 lanes for pci e  8 usb 2.0 ports i n tel ? atom ? ? processor n270 1.6 ghz onboard with ? f s b 5 33 mhz sy stem memor y sy stem memor y 2 x 200- p in so-dimm su pp orts ddr2-533/667 max. u p to 4 g b i n tel ? 945gme + ich7m/ich7m-dh ? bi os bi os ami n/ a w atchdo g ti mer w atchdo g ti mer 255 levels, 1~255 sec. 1 x pcie x16 grap h ics port supports f or sdvo or pcie x1 d ev i ces 3 x pcie l anes support f or 3 x pcie x1 d evices (ich7m) 5 x pcie lanes su pp ort for 5 x pcie x1 or 1 x pcie x4 + 1 x pcie x1 d evices (ich7m-dh) 4 x 32- b it pci b us masters batter y batter y n / a i nte l ? atom ? ? n270 @1.6 ghz, 2gb ddr2 ? m ax. rm s : +1 2 v @ 1.171 a s ize s ize 1 25 x 9 5 mm 1 . 6 mm t emperature t emperature 0 c ~ + 60 c ( 32 f ~ 14 0 f), operat i on 1 0% ~ 95% relative humidit y , non-condensin g 1 x pa ta -100 ide 1 x lpc interface s at a s at a 2 x sa t a-150 ports n /a et h ernet et h ernet 1 port as 10/100/1000m b ps supports auto mdi-x, w ake-on-lan, rpl/pxe boot rom with intel ? 8 2 583v hd/a c ' 9 7 l in k inter f ace to b ase b oar d f or externa l c o d ec usb usb 8 x usb 2.0 ye s g pi o g pi o 4 c h anne l s in & 4 c h ann l es ou t pa cking list ordering information c em831v g -n270 c om express type 2 mo d u l e wit h inte l ? a to m ? ( p/n: e 38 d 83 11 00) n 270 cpu, vga, l vds, and 10/100/1000m b p s (fan l ess) e t h ernet c eb 9 4 000 a tx f orm f actor b ase b oar d 50 7 8 d 83 1 000 e c em831 heatspre a d er 50 7 8 d 830 1 00 e c om ex p ress som coolin g kit with fan 5078d830200e c om express som coo l ing k it wi t h out f an


▲Up To Search▲   

 
Price & Availability of CEM820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X